Part Number Hot Search : 
SFH4053 WP63IT 79L09ACD MAX17503 TXV2N72 MBRB20 ICM7211A 405DH3
Product Description
Full Text Search
 

To Download IRG4BC30UDPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  IRG4BC30UDPBF insulated gate bipolar transistor with ultrafast soft recovery diode features e g n-channel c v ces = 600v v ce(on) typ. = 1.95v @v ge = 15v, i c = 12a parameter min. typ. max. units r jc junction-to-case - igbt ------ ------ 1.2 r jc junction-to-case - diode ------ ------ 2.5 c/w r cs case-to-sink, flat, greased surface ------ 0.50 ------ r ja junction-to-ambient, typical socket mount ----- ----- 80 wt weight ------ 2 (0.07) ------ g (oz) thermal resistance ultrafast copack igbt 11/3/03 absolute maximum ratings parameter max. units v ces collector-to-emitter voltage 600 v i c @ t c = 25c continuous collector current 23 i c @ t c = 100c continuous collector current 12 i cm pulsed collector current  92 a i lm clamped inductive load current  92 i f @ t c = 100c diode continuous forward current 12 i fm diode maximum forward current 92 v ge gate-to-emitter voltage 20 v p d @ t c = 25c maximum power dissipation 100 p d @ t c = 100c maximum power dissipation 42 t j operating junction and -55 to +150 t stg storage temperature range c soldering temperature, for 10 sec. 300 (0.063 in. (1.6mm) from case) mounting torque, 6-32 or m3 screw. 10 lbf?in (1.1 n?m) benefits ? generation -4 igbt's offer highest efficiencies available ? igbts optimized for specific application conditions ? hexfred diodes optimized for performance with igbts . minimized recovery characteristics require less/no snubbing ? designed to be a "drop-in" replacement for equivalent industry-standard generation 3 ir igbts pd-94810 w t o -22 0 ab www.irf.com 1 ? lead-free ? ultrafast: optimized for high operating frequencies 8-40 khz in hard switching, >200 khz in resonant mode ? generation 4 igbt design provides tighter parameter distribution and higher efficiency than generation 3 ? igbt co-packaged with hexfred tm ultrafast, ultra-soft-recovery anti-parallel diodes for use in bridge configurations ? industry standard to-220ab package
IRG4BC30UDPBF 2 www.irf.com parameter min. typ. max. units conditions q g total gate charge (turn-on) ---- 50 75 i c = 12a qge gate - emitter charge (turn-on) ---- 8.1 12 nc v cc = 400v see fig. 8 q gc gate - collector charge (turn-on) ---- 18 27 v ge = 15v t d(on) turn-on delay time ---- 40 ---- t j = 25c t r rise time ---- 21 ---- ns i c = 12a, v cc = 480v t d(off) turn-off delay time ---- 91 140 v ge = 15v, r g = 23 ? t f fall time ---- 80 130 energy losses include "tail" and e on turn-on switching loss ---- 0.38 ---- diode reverse recovery. e off turn-off switching loss ---- 0.16 ---- mj see fig. 9, 10, 11, 18 e ts total switching loss ---- 0.54 0.9 t d(on) turn-on delay time ---- 40 ---- t j = 150c, see fig. 9, 10, 11, 18 t r rise time ---- 22 ---- ns i c = 12a, v cc = 480v t d(off) turn-off delay time ---- 120 ---- v ge = 15v, r g = 23 ? t f fall time ---- 180 ---- energy losses include "tail" and e ts total switching loss ---- 0.89 ---- mj diode reverse recovery. l e internal emitter inductance ---- 7.5 ---- nh measured 5mm from package c ies input capacitance ---- 1100 ---- v ge = 0v c oes output capacitance ---- 73 ---- pf v cc = 30v see fig. 7 c res reverse transfer capacitance ---- 14 ---- ? = 1.0mhz t rr diode reverse recovery time ---- 42 60 ns t j = 25c see fig. ---- 80 120 t j = 125c 14 i f = 12a i rr diode peak reverse recovery current ---- 3.5 6.0 a t j = 25c see fig. ---- 5.6 10 t j = 125c 15 v r = 200v q rr diode reverse recovery charge ---- 80 180 nc t j = 25c see fig. ---- 220 600 t j = 125c 16 di/dt 200a/s di (rec)m /dt diode peak rate of fall of recovery ---- 180 ---- a/s t j = 25c see fig. during t b ---- 120 ---- t j = 125c 17 parameter min. typ. max. units conditions v (br)ces collector-to-emitter breakdown voltage  600 ---- ---- v v ge = 0v, i c = 250a ? v (br)ces / ? t j temperature coeff. of breakdown voltage ---- 0.63 ---- v/c v ge = 0v, i c = 1.0ma v ce(on) collector-to-emitter saturation voltage ---- 1.95 2.1 i c = 12a v ge = 15v ---- 2.52 ---- v i c = 23a see fig. 2, 5 ---- 2.09 ---- i c = 12a, t j = 150c v ge(th) gate threshold voltage 3.0 ---- 6.0 v ce = v ge , i c = 250a ? v ge(th) / ? t j temperature coeff. of threshold voltage ---- -11 ---- mv/c v ce = v ge , i c = 250a g fe forward transconductance  3.1 8.6 ---- s v ce = 100v, i c = 12a i ces zero gate voltage collector current ---- ---- 250 a v ge = 0v, v ce = 600v ---- ---- 2500 v ge = 0v, v ce = 600v, t j = 150c v fm diode forward voltage drop ---- 1.4 1.7 v i c = 12a see fig. 13 ---- 1.3 1.6 i c = 12a, t j = 150c i ges gate-to-emitter leakage current ---- ---- 100 na v ge = 20v switching characteristics @ t j = 25c (unless otherwise specified) electrical characteristics @ t j = 25c (unless otherwise specified)
IRG4BC30UDPBF www.irf.com 3 fig. 1 - typical load current vs. frequency (load current = i rms of fundamental) fig. 2 - typical output characteristics fig. 3 - typical transfer characteristics 0.1 1 10 100 0.1 1 10 ce c i , collector-to-emitter current (a) v , collector-to-emitter voltage (v) t = 150c t = 25c j j v = 15v 20s pulse width ge a 0.1 1 10 100 56789101112 c i , collector-to-emitter current (a) ge t = 25c t = 150c j j v , gate-to-emitter voltage (v) a v = 10v 5s pulse width cc load current ( a ) 0 4 8 12 16 0.1 1 10 100 f, frequency (khz) a 60% of rated voltage i duty cycle: 50% t = 125 c t = 90c gate drive as specified turn-on losses include effects of reverse recovery sink j power dissipation = 21w
IRG4BC30UDPBF 4 www.irf.com fig. 5 - typical collector-to-emitter voltage vs. junction temperature fig. 4 - maximum collector current vs. case temperature fig. 6 - maximum igbt effective transient thermal impedance, junction-to-case 0 5 10 15 20 25 25 50 75 100 125 150 maximum dc collector current (a t , case temperature (c) c v = 15v ge a 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 10 t , rectangular pulse duration (sec) 1 thjc d = 0.50 0.01 0.02 0.05 0.10 0.20 single pulse (thermal response) thermal response (z ) p t 2 1 t dm notes: 1. duty factor d = t / t 2. peak t = p x z + t 12 j dm thjc c 1.5 2.0 2.5 3.0 -60 -40 -20 0 20 40 60 80 100 120 140 160 ce v , collector-to-emitter voltage (v) v = 15v 80s pulse width ge a t , junction temperature (c) j i = 24a i = 12a i = 6.0a c c c
IRG4BC30UDPBF www.irf.com 5 fig. 7 - typical capacitance vs. collector-to-emitter voltage fig. 8 - typical gate charge vs. gate-to-emitter voltage fig. 9 - typical switching losses vs. gate resistance fig. 10 - typical switching losses vs. junction temperature 0 400 800 1200 1600 2000 1 10 100 ce c, capacitance (pf) v , collector-to-emitter voltage (v) a v = 0v, f = 1mhz c = c + c , c shorted c = c c = c + c ge ies ge gc ce res gc oes ce gc c ies c res c oes 0 4 8 12 16 20 0 1020304050 ge v , gate-to-emitter voltage (v) g q , total gate charge (nc) a v = 400v i = 12a ce c total switchig losses (mj) 0.1 1 10 -60 -40 -20 0 20 40 60 80 100 120 140 160 a t , junction temperature (c) j r = 23 ? v = 15v v = 480v i = 24a i = 12a i = 6.0a g ge cc c c c total switchig losses (mj) 0.50 0.52 0.54 0.56 0.58 0.60 0 102030405060 g a r , gate resistance ( ? ) v = 480v v = 15v t = 25c i = 12a cc ge j c
IRG4BC30UDPBF 6 www.irf.com fig. 11 - typical switching losses vs. collector-to-emitter current fig. 12 - turn-off soa fig. 13 - maximum forward voltage drop vs. instantaneous forward current 1 10 100 0.4 0.8 1.2 1.6 2.0 2.4 fm f instantaneous forward current - i (a) forward voltage drop - v (v) t = 150c t = 125c t = 25c j j j 0.1 1 10 100 1000 1 10 100 100 0 c ce ge v , collector-to-emitter voltage (v) i , collector-to-emitter current (a) safe operating area v = 20v t = 125c ge j 0.0 0.4 0.8 1.2 1.6 2.0 0102030 c i , collector-to-emitter current (a) a r = 23 ? t = 150c v = 480v v = 15v g j cc ge total switchig losses (mj)
IRG4BC30UDPBF www.irf.com 7 fig. 14 - typical reverse recovery vs. di f /dt fig. 15 - typical recovery current vs. di f /dt fig. 16 - typical stored charge vs. di f /dt fig. 17 - typical di (rec)m /dt vs. di f /dt 0 200 400 600 100 1000 f di /dt - (a/s) rr q - (nc) i = 6.0a i = 12a i = 24a v = 200v t = 125c t = 25c r j j f f f 10 100 1000 10000 100 1000 f di /dt - (a/s) di(rec)m/dt - (a/s) i = 12a i = 24a i = 6.0a f f f v = 200v t = 125c t = 25c r j j 0 40 80 120 160 100 1000 f di /dt - (a/s) t - (ns) rr i = 24a i = 12a i = 6.0a f f f v = 200v t = 125c t = 25c r j j 1 10 100 100 1000 f di /dt - (a/s) i - (a) irrm i = 6.0a i = 12a i = 24a f f f v = 200v t = 125c t = 25c r j j
IRG4BC30UDPBF 8 www.irf.com t1 ic vce t1 t2 90% ic 10% vce td(off) tf ic 5% ic t1+5s vce ic dt 90% vge +vge eoff = fig. 18b - test waveforms for circuit of fig. 18a, defining e off , t d(off) , t f vce ie dt t2 t1 5% vce ic ipk vcc 10% ic vce t1 t2 dut voltage and current gate voltage d.u.t. +vg 10% +vg 90% ic tr td(on) diode reverse recovery energy tx eon = erec = t4 t3 vd id dt t4 t3 diode recovery waveforms ic vpk 10% vcc irr 10% irr vcc trr qrr = trr tx id dt same type device as d.u.t. d.u.t. 430f 80% of vce fig. 18a - test circuit for measurement of i lm , e on , e off(diode) , t rr , q rr , i rr , t d(on) , t r , t d(off) , t f fig. 18c - test waveforms for circuit of fig. 18a, defining e on , t d(on) , t r fig. 18d - test waveforms for circuit of fig. 18a, defining e rec , t rr , q rr , i rr
IRG4BC30UDPBF www.irf.com 9 vg gate signal device under tes t current d.u.t. voltage in d.u.t. current in d1 t0 t1 t2 d.u.t. v * c 50v l 1000v 6000f 100v 19. 20. r l = 480v 4 x i c @25c 0 - 480v 18. 18'
IRG4BC30UDPBF 10 www.irf.com notes:  repetitive rating: v ge =20v; pulse width limited by maximum junction tem- perature (figure 20)  v cc =80%(v ces ), v ge =20v, l=10h, r g = 23 ? (figure 19)  pulse width 80s; duty factor 0.1%.  pulse width 5.0s, single shot. lead assignments 1 - gate 2 - drain 3 - source 4 - drain - b - 1.32 (.052) 1.22 (.048) 3x 0.55 (.022) 0.46 (.018) 2.92 (.115) 2.64 (.104) 4.69 (.185) 4.20 (.165) 3x 0.93 (.037) 0.69 (.027) 4.06 (.160) 3.55 (.140) 1.15 (.045) min 6.47 (.255) 6.10 (.240) 3.78 (.149) 3.54 (.139) - a - 10.54 (.415) 10.29 (.405) 2.87 (.113) 2.62 (.103) 15.24 (.600) 14.84 (.584) 14.09 (.555) 13.47 (.530) 3x 1.40 (.055) 1.15 (.045) 2.54 (.100) 2x 0.36 (.014) m b a m 4 1 2 3 notes: 1 dimensioning & tolerancing per ansi y14.5m, 1982. 3 outline conforms to jedec outline to-220ab. 2 controlling dimension : inch 4 heatsink & lead measurements do n ot include burrs. hexfet 1- gate 2- drain 3- source 4- drain lead assignments igbts, copack 1- gate 2- collector 3- emitter 4- collector to-220ab package outline dimensions are shown in millimeters (inches) to-220ab part marking information example: in the assembly line "c" this is an irf1010 lot code 1789 assembled o n ww 19, 1997 part number assembly lot code date code year 7 = 1997 line c week 19 logo rectifier in tern atio nal note: "p" in assembly line position indicates "lead-free" data and specifications subject to change without notice. ir world headquarters: 233 kansas st., el segundo, california 90245, usa tel: (310) 252-7105 tac fax: (310) 252-7903 visit us at www.irf.com for sales contact information . 11/03
note: for the most current drawings please refer to the ir website at: http://www.irf.com/package/


▲Up To Search▲   

 
Price & Availability of IRG4BC30UDPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X